Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF1575A Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF1575A
Description  SAW FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1575A Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF1575A Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 7Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 8Page - Shoulder Electronics Limited. HDF1575A Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SAW FILTER
HDF1575A
S-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 9
Parameter
Symbol
Conditions
Min
Typ.
Max.
Unit
Center frequency
1575.42
MHZ
Operational bandwidth
f op
1574.22
1576.62 MHz
Insertion Loss
IL
In
f op
1.5
2.5
dB
Amplitude Variation
AV
In
f op
0.2
0.5
dB
VSWER
SWR
In
f op
1.3
2
Rejectiona wrt 0 dB
Rj1
0.3 ~ 700 MHz
40
45
dB
In Top
Rj2
700~1460MHz
37
40.5
dB
Rj3
1460~1470MHz
45
50
dB
Rj4
1470~1525MHz
37
43
dB
Rj5
1525~1535.42MHz
20
25
dB
Rj6
1615.42~1620MHz
25
35
dB
Rj7
1620~1650 MHz
45
50
dB
Rj8
1650~3000 MHz
40
45
dB
I/P & O/P impedance
Zin/Zout Unmatched
50
Ohm
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network
analyzer and full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
3) All attenuation measurements are measured relative to insertion loss
4.4 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com