Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBA340-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBA340-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA340-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBA340-HF Datasheet HTML 1Page - Comchip Technology CDBA340-HF Datasheet HTML 2Page - Comchip Technology CDBA340-HF Datasheet HTML 3Page - Comchip Technology CDBA340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Comchip Technology CO., LTD.
Page 4
REV:A
SMD Schottky Barrier Rectifiers
SMD Diodes Specialist
Suggested PAD Layout
Park Number
320
Marking Code
Marking Code
Standard Package
Case Type
Qty per Reel
(Pcs)
5000
Reel Size
(inch)
13
SIZE
(inch)
0.177
(mm)
4.50
1.50
3.60
0.059
0.142
6.00
1.298
E
3.00
0.118
B
C
D
A
A
B
C
E
D
CDBA320-HF
XXXX
DO-214AC (SMA)
DO-214AC (SMA)
CDBA340-HF
CDBA360-HF
CDBA380-HF
CDBA3100-HF
340
360
380
3100
QW-JB006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com