Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33972 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33972
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33972 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33972
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 7. Functional Internal Block Description
CONTROL AND PROTECTION CIRCUITRY:
The 33972 is designed to operate from 5.5 V to 38/40 V on
the VPWR terminal. Characteristics are provided from 8.0 to
28 V for the device. Switch contact currents and the internal
logic supply are generated from the VPWR terminal. The
VDD supply terminal is used to set the SPI communication
voltage levels, current source for the SO driver, and pull-up
current on INT and CS.
The on-chip voltage regulator and bandgap supplies the
required voltages to the internal monitor circuitry. The
temperature monitor is active in the Normal mode.
INTERFACE AND CONTROL:
The 33972 Multiple Switch Detection Interface with
Suppressed Wake-up is designed to detect the closing and
opening of up to 22 switch contacts. The switch status, either
open or closed, is transferred to the microprocessor unit
(MCU) through a serial peripheral interface (SPI).
The device also features a 22-to-1 analog multiplexer for
reading inputs as analog. The 33972 device has two modes
of operation, Normal and Sleep.
SWITCH PROGRAMMABLE INPUTS:
Programmable switch detection inputs. These 8 inputs can
selectively detect switch closures to Ground or Battery. The
33972 device has 8 switch inputs capable of being
programmed to read switch-to-ground or switch-to-battery
contacts. The input is compared with a 4.0 V reference.
When programmed to be switch-to-battery, voltages greater
than 4.0 V are considered closed. Voltages less than 4.0 V
are considered open. The opposite holds true when inputs
are programmed as switch-to-ground.
SWITCH–TO-GROUND INPUTS:
Switch detection interface inputs. These 14 inputs can
detect switch closures to ground only. The input is compared
with a 4.0 V reference. Voltages greater than 4.0 V are
considered open. Voltages less than 4.0 V are considered
closed. Note: Each of these inputs may be used to supply
current to sensors external to a module.
MC33972 - Functional Block Diagram
Switch Programmable
Inputs
SP0 - SP7
Control & Protection
Voltage Regulation
Bandgap
Interface & Control
Multiplex Control
Control & Protection
SW-GND Inputs
Interface & Control
Switch–to-Ground
Inputs
SG0 - SG13
Oscillator & Clock
Temp. Sense
Interrupt/Wake-up
SPI Interface
SW Prog Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com