Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S1210F-68IM/F/P Datasheet(PDF) 43 Page - Teridian Semiconductor Corporation

Part # 73S1210F-68IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-68IM/F/P Datasheet(HTML) 43 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-68IM/F/P Datasheet HTML 39Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 40Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 41Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 42Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 43Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 44Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
DS_1210F_001
73S1210F Data Sheet
Rev. 1.4
43
•
Mode 3
The only difference between Mode 2 and Mode 3 is that in Mode 3 either internal baud rate generator
or timer 1 can be use to specify baud rate.
The S0BUF register is used to read/write data to/from the serial 0 interface.
Serial Interface 0 Control Register (S0CON): 0x9B
 0x00
Transmit and receive data are transferred via this register.
Table 38: The S0CON Register
MSB
LSB
SM0
SM1
SM20
REN0
TB80
RB80
TI0
RI0
Bit
Symbol
Function
S0CON.7
SM0
These two bits set the UART0 mode:
Mode
Description
SM0
SM1
0
N/A
0
0
1
8-bit UART
0
1
2
9-bit UART
1
0
3
9-bit UART
1
1
S0CON.6
SM1
S0CON.5
SM20
Enables the inter-processor communication feature.
S0CON.4
REN0
If set, enables serial reception. Cleared by software to disable reception.
S0CON.3
TB80
The 9th transmitted data bit in Modes 2 and 3. Set or cleared by the MPU,
depending on the function it performs (parity check, multiprocessor
communication etc.).
S0CON.2
RB80
In Modes 2 and 3 it is the 9th data bit received. In Mode 1, if SM20 is 0,
RB80 is the stop bit. In Mode 0 this bit is not used. Must be cleared by
software.
S0CON.1
TI0
Transmit interrupt flag, set by hardware after completion of a serial transfer.
Must be cleared by software.
S0CON.0
RI0
Receive interrupt flag, set by hardware after completion of a serial
reception. Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com