Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8014R-IL/F Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 73S8014R-IL/F
Description  Smart Card Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8014R-IL/F Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  73S8014R-IL/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8014R-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
73S8014R Data Sheet
DS_8014R_012
2
Rev. 1.0
FUNCTIONAL DIAGRAM
SMART CARD I/O BUFFER
LDO
REGULATOR
SC
SEQUENCER
INTERNAL POWER SUPPLY
VOLTAGE REFERENCE
XTAL
OSC
CLOCK
GENERATION
CONTROLLER
AND
REGISTERS
FAULT LOGIC
RESET
BUFFER
CLOCK
BUFFER
R-C
OSC.
VDD FAULT
VCC FAULT
CLOCK
1.5MHz
VDD
VPC
VCC
RST
CLK
PRES
I/O
CMDVCC
RSTIN
5V/
#V
CKDIV1
CKDIV2
GND
VPD - internal supply
OFF
TEST
bias currents
vref
vcc circuits
VDD CKT
vdd circuits
vdd circuits
GND
VDDF_ADJ
XTALIN
XTALOUT
IOUC
Figure 1: 73S8014R Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com