Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8024RN Datasheet(PDF) 23 Page - Teridian Semiconductor Corporation

Part # 73S8024RN
Description  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN Datasheet(HTML) 23 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN Datasheet HTML 19Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 20Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 21Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 22Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 23Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 24Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 25Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 26Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 27Page - Teridian Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 1.8
23
15 Mechanical Drawing (32QFN)
2.5
5
TOP VIEW
1
2
3
Figure 11: 32QFN Mechanical Drawing
0.85 N O M ./ 0 .9 M AX.
0.00 / 0.00 5
0.20 R E F .
S EAT IN G
PL AN E
S ID E VIEW
0.2 MIN.
0.35 / 0.45
1.5 / 1.875
3.0 / 3.75
0.18 / 0.3
BOTTOM VIEW
1
2
3
0.25
0.5
CHAMFERED
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com