Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8024RN-IL/F Datasheet(PDF) 12 Page - Teridian Semiconductor Corporation

Part # 73S8024RN-IL/F
Description  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN-IL/F Datasheet(HTML) 12 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 13Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 14Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 15Page - Teridian Semiconductor Corporation 73S8024RN-IL/F Datasheet HTML 16Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
12
Rev. 1.8
8 Deactivation Sequence
Deactivation is initiated either by the system controller by setting the
CMDVCC high, or automatically in
the event of hardware faults. Hardware faults are over-current, overheating, VDD fault, VPC fault, VCC fault,
and card extraction during the session. To be noted that VPC and VCC faults are linked together so that a
fault is generated when VPC goes lower than VCC.
The following steps show the deactivation sequence and the timing of the card control signals when the
system controller sets the
CMDVCC high or OFF goes low due to a fault or card removal:
•
RST goes low at the end of t1.
•
CLK is set low at the end of t2.
•
I/O goes low at the end of t3. Out of reception mode.
•
VCC is shut down at the end of time t4. After a delay t5 (discharge of the VCC capacitor), VCC is low.
RST
CLK
I/O
VCC
t
1
t
2
t
3
t
4
t
5
CMDVCC
-- OR--
OFF
t1 = > 0.5μs, timing by 1.5MHz internal Oscillator
t2 = > 7.5μs
t3 = > 0.5μs
t4 = > 0.5μs
t5 = depends on VCC filter capacitor.
For NDS application, CF=1μF makes t1 + t2 + t3 + t4 + t5 < 100μs
Figure 4: Deactivation Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com