Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXPCIE200 Datasheet(PDF) 1 Page - PLX Technology

Part # OXPCIE200
Description  PCI Express multi-port bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXPCIE200 Datasheet(HTML) 1 Page - PLX Technology

  OXPCIE200 Datasheet HTML 1Page - PLX Technology OXPCIE200 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXPCIe200, PCI Express multi-port bridge
© PLX Technology, www.plxtech.com
Page 1 of 2
7/10/2009, Version 1.1
Highlights
General Features
o
Dual USB 2.0 host ports or USB 2.0 host port &
SPI/SRAM port, both with UART port configuration
o
PCIe x1 end-point
-
Integrated 2.5 GT/s SerDes
o
9 x 9mm
2, 156-pin TAPP package
o
Typical Power: 300 mWatts
Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1 (backwards
compatible with PCIe r1.0a)
-
PCI Power Management Spec, r1.2
-
ExpressCard, Mini Card & AIC compatible
-
MSI/MSI-X compatible
-
ASPM (L0S, L1) Link power management
o
High Performance
-
EHCI/OHCI compliant USB 2.0 ports
-
Integrated USB2.0 full speed Phy
-
Master or slave mode SPI or SRAM port
-
Data rates of 60Mbps (SPI) & 25MB/s (SRAM)
-
8KB slave memory with direct access or 16 channel
FIFO modes
-
PLX’s Oxford 950 UART
-
DMA/bus mastering of both UARTs
-
Asynchronous baud rates up to 15 Mbps
-
128-byte deep transmit/receive FIFO
-
9, 8, 7, 6 & 5-bit data framing
-
Automated in & out-of-band flow control
-
Advanced FIFO fill management
o
Flexibility
-
RS232, RS422, RS485 and IrDA operation
-
Flexible clock pre-scaler from 1 to 31.875
-
Programmable RS485 Turn-around delay
-
450 through 950 software compatibility
-
8 user-configurable GPIOs/PWMs
-
Device parameters configurable via EEPROM
-
1.8V, 2.5V or 3.3V UART & GPIO I/O voltage
o
Robust Operation
-
Operation from a single 3.3 V supply
-
Industrial temperature range -40°C to 85°C
o
Broad Device Driver Support
-
Windows 7/Vista/XP/2K
-
WinCE 4.2/5.0/6.0
-
Linux 2.4/2.6
Part of the Expresso family of high performance PCI
Express devices, the OXPCIe200 is a single chip
multi-port bridge with a rich set of connectivity ports
and advanced system management to maximize data
throughput while substantially reducing CPU and
system loading.
A fully integrated, single lane PCI Express endpoint
controller and SerDes enables host system access to
USB2.0 host, SPI and SRAM ports, a PLX
Technology’s ultra high performance Oxford 950
UART, plus user defined GPIOs/PWMs. The device
is configurable as dual USB host ports or one USB2.0
host port & one SPI or SRAM port providing a high
throughput communication path from a PCI Express
host system to a slave processor or peripherals.
Complete with the Oxide development tools and
certified device drivers, the OXPCIe200 is easy to
design-in and the ideal connectivity solution for a
diverse range of products including: inter-processor
communication, device control, I/O expansion and
multi-modem ExpressCard modules.
Accelerate your product development and time to
market with Oxide and PLX Technology’s easy to
design-in, high performance serial connectivity
solutions that just work.


Similar Part No. - OXPCIE200

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXPCIE840 PLX-OXPCIE840 Datasheet
153Kb / 2P
PCI Express to Parallel Port
OXPCIe840-FBAG PLX-OXPCIe840-FBAG Datasheet
153Kb / 2P
PCI Express to Parallel Port
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIe952-FBAG PLX-OXPCIe952-FBAG Datasheet
314Kb / 2P
PCI Express to Dual Serial and Parallel Port
OXPCIE954 PLX-OXPCIE954 Datasheet
188Kb / 2P
PCI Express to Quad Serial Port
More results

Similar Description - OXPCIE200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Synaptics Incorporated.
CX25820 CONEXANT-CX25820 Datasheet
1Mb / 2P
PCI-Express Media Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com