Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8664 Datasheet(PDF) 5 Page - PLX Technology

Part # PEX8664
Description  PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8664 Datasheet(HTML) 5 Page - PLX Technology

  PEX8664 Datasheet HTML 1Page - PLX Technology PEX8664 Datasheet HTML 2Page - PLX Technology PEX8664 Datasheet HTML 3Page - PLX Technology PEX8664 Datasheet HTML 4Page - PLX Technology PEX8664 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PEX 8664, PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
© PLX Technology, www.plxtech.com
Page 5 of 5
5/14/2009, Version 1.1
Software Usage Model
PEX 8664 Rapid Development Kit (RDK)
From a system model viewpoint, each PCI Express port
is a virtual PCI to PCI bridge device and has its own set
of PCI Express configuration registers. It is through the
upstream port that the BIOS or host can configure the
other ports using standard PCI enumeration. The virtual
PCI to PCI bridges within the PEX 8664 are compliant
to the PCI and PCI Express system models. The
Configuration Space Registers (CSRs) in a virtual
primary/secondary PCI to PCI bridge are accessible by
type 0 configuration cycles through the virtual primary
bus interface (matching bus number, device number, and
function number).
Interrupt Sources/Events
The PEX 8664 switch supports the INTx interrupt
message type (compatible with PCI 2.3 Interrupt signals)
or Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by PEX 8664 for hot
plug events, doorbell interrupts, baseline error reporting,
and advanced error reporting.
Figure 10. PEX8664-16U8D BB RDK
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a
hardware module (PEX 8664 RDK), hardware
documentation (available at www.plxtech.com), and a
Software Development Kit (also available at
www.plxtech.com).
The PEX 8664 RDK (see Figure 10) is a hardware
module containing the PEX 8664 which plugs right into
your system. The PEX 8664 RDK can be used to test
and validate customer software, or used as an evaluation
vehicle for PEX 8664 features and benefits. The PEX
8664 RDK provides everything that a user needs to get
their hardware and software development started.
Software Development Kit (SDK)
PLX’s Software Development Kit is available for
download at www.plxtech.com/sdk. The software
development kit includes drivers, source code, and GUI
interfaces to aid in configuring and debugging the PEX
8664. For more information, please refer to the PEX
8664 RDK Product Brief.
Both performancePAK and visionPAK are supported by
PLX’s RDK and SDK, the industry’s most advanced
hardware- and software-development kits.
Product Ordering Information
Part Number
Description
PEX8664-AA50BC F
64-Lane, 16-Port PCI Express Switch,
Pb-Free (35x35mm
2)
PEX8664-16U8D BB
RDK
PEX 8664 Rapid Development Kit with
x16 Upstream and Six x8 Downstream
PLX Technology, Inc. All rights reserved. PLX, the PLX logo, ExpressLane,
Read Pacing and Dual Cast are trademarks of PLX Technology, Inc. All other
product names that appear in this material are for identification purposes only
and are acknowledged to be trademarks or registered trademarks of their
respective companies. Information supplied by PLX is believed to be accurate
and reliable, but PLX assumes no responsibility for any errors that may appear
in this material. PLX reserves the right, without notice, to make changes in
product design or specification.
Visit www.plxtech.com for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com