Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34845B Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34845B
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845B Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34845B Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 10Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34845
TYPICAL PERFORMANCE CURVES
INTRODUCTION
TYPICAL PERFORMANCE CURVES
Figure 6. Typical System Efficiency vs Duty Cycle (FPWM=25kHz)
Figure 7. Typical ILED Dimming Linearity (FPWM=25kHz)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
10
20
30
4050
607080
90
100
Duty Cycle (%)
Vin=9V
Fs = 600kHz
L=10uH, 68mOhm (IHLP2525CZER100M01)
Schottky 5A, 100V (PDS5100HDICT-ND)
COUT = 2x2.2µF
FPWM=25kHz
Load = 9 LEDs, 20mA/channel
VLED = 27.8V, ±0.5V /channel
Chablis ILED Dimming Linearity (FPWM=25kHz)
-2.000%
-1.500%
-1.000%
-0.500%
0.000%
0.500%
1.000%
1.500%
2.000%
110
100
% Duty cycle
(-) Mismatch @ 25°C
(+) Mismatch@ 25°C
Chablis ILED Dimming Linearity (FPWM=25kHz)
-2.000%
-1.500%
-1.000%
-0.500%
0.000%
0.500%
1.000%
1.500%
2.000%
110
100
% Duty cycle
(-) Mismatch @ 25°C
(+) Mismatch@ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com