Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33984B Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33984B_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33984B_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33984
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance(5)
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
<1.0
30
°C/W
Peak Package Reflow Temperature During Reflow(6), (7)
TPPRT
Note 7
°C
Notes
5.
Device mounted on a 2s2p test board according to JEDEC JESD51-2.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com