Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33984CPNA/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33984CPNA/R2
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33984CPNA/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33984CPNA/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33984CPNA/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33984
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT
Output Drain-to-Source ON Resistance
(IHS[0:1] = 15 A, TJ = 25°C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)
–
–
–
–
–
–
6.0
4.0
4.0
m
Ω
Output Drain-to-Source ON Resistance (IHS[0:1] = 15 A, TJ = 150°C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)
–
–
–
–
–
–
10.2
6.8
6.8
m
Ω
Output Source-to-Drain ON Resistance IHS[0:1] = 15 A, TJ = 25°C(10)
VPWR = -12 V
RDS(ON)
–
–
8.0
m
Ω
Output Over-current High Detection Levels (9.0 V < VPWR < 16 V)
SOCH = 0
SOCH = 1
IOCH0
IOCH1
80
60
100
75
120
90
A
Over-current Low Detection Levels (SOCL[2:0])
000
001
010
011
100
101
110
111
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
21
18
16
14
12
10
8.0
6.0
25
22.5
20
17.5
15
12.5
10
7.5
29
27
24
21
18
15
12
9.0
A
Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V)
DICR D2 = 0
DICR D2 = 1
CSR0
CSR1
–
–
1/20500
1/41000
–
–
–
Current Sense Ratio (CSR0) Accuracy
Output Current
5.0 A
10 A
12.5 A
15 A
20 A
25 A
CSR0_ACC
-20
-14
-13
-12
-13
-13
–
–
–
–
–
–
20
14
13
12
13
13
%
Notes
10.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com