Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52277 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MCF52277
Description  ColdFire Microprocessor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52277 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MCF52277 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Pin Assignments and Reset States
MCF5227x ColdFire® Microprocessor Data Sheet, Rev. 8
Freescale Semiconductor
13
ALLPST
—
—
—
—
O
EVDD
76
—
JTAG_EN
—
—
—
D
I
EVDD
79
K10
PSTCLK
—
TCLK
—
U
O
EVDD
74
P8
DSI
—
TDI
—
U
I
EVDD
78
M11
DSO
—
TDO
—
—
O
EVDD
81
L11
BKPT
—TMS
—
U
I
EVDD
80
N11
DSCLK
—
TRST
—U
I
EVDD
77
P11
Test
TEST
—
—
—
D
I
EVDD
134
E10
Power Supplies
IVDD
—
—
—
—
—
—
39, 75, 114, 138,
171
K5, F10, E5, J10
EVDD
—
—
—
—
—
—
12, 72, 73, 94, 111,
148, 176
E6, E7, F5, F6, G5,
H9, J9, K8, K9
SD_VDD
—
—
—
—
—
—
14, 43, 44, 70, 113,
132, 146
E8, E9, F9, G9, H5,
J5, J6, K6, K7
VDD_OSC
—
—
—
—
—
—
108
G13
VDD_PLL
—
—
—
—
—
—
104
H14
VDD_USB
—
—
—
—
—
—
151
B10
VDD_RTC
—
—
—
—
—
—
101
J13
VDD_ADC
—
—
—
—
—
—
91
L13
VSS
—
—
—
—
—
—
1, 13, 45, 71, 93,
112, 133, 147
F7, F8, G6–G8,
H6–H8, J7, J8
VSS_OSC
—
—
—
—
—
—
107
H13
VSS_ADC
—
—
—
—
—
—
92
L14
1 Pull-ups are generally only enabled on pins with their primary function, except as noted.
2 Refers to pin’s primary function.
3 Enabled only in oscillator bypass mode (internal crystal oscillator is disabled).
4 GPIO functionality is determined by the edge port module. The GPIO module is only responsible for assigning the alternate functions.
5 Pull-up when DREQ controls the pin.
6 The 176 LQFP device only supports a 12-bit LCD data bus.
7 DSPI or SBF signal functionality is controlled by RESET. When asserted, these pins are configured for serial boot; when negated, the
pins are configured for DSPI.
8 Pull-up when the serial boot facility (SBF) controls the pin.
Table 6. MCF5227x Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1
Alternate 2
MCF52274
176 LQFP
MCF52277
196 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com