Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV5050V Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXV5050V
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV5050V Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXV5050V Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV5050V Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPXV5050VC6T1
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
-50
—
0
kPa
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
Vdc
Supply Current
Io
—
7.0
10
mAdc
Full Scale Output(2)
(0 to 85
°C)
@ VS = 5.0 Volts
2. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.488
4.6
4.713
Vdc
Full Scale Span(3)
(0 to 85
°C)
@ VS = 5.0 Volts
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—4.5
—
Vdc
Accuracy(4)
(0 to 85
°C)
4. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25
°C due to all sources of error including the following:
Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from minimum or
maximum rated pressure at 25
°C.
TcSpan: Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
TcOffset: Output deviation with minimum pressure applied, over the temperature range of 0
° to 85°C, relative to 25°C.
———
±2.5
%VFSS
Sensitivity
V/P
—
90
—
mV/kPa
Response Time(5)
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—
ms
Warm-Up Time(6)
6. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
——
20
—
ms
Offset Stability(7)
7. Offset Stability is the product's output deviation when subjected to 1000 cycles of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—
%VFSS
Pressure Offset(8)
(0 to 85
°C)
8. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0
0.100
0.213
Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com