Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01B Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT46R01B
Description  Small Package 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01B Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT46R01B Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R01B Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
CPL [m]
Complement Data Memory
Description
Each bit of the specified Data Memory is logically complemented (1
¢s complement). Bits
which previously contained a 1 are changed to 0 and vice versa.
Operation
[m]
¬ [m]
Affected flag(s)
Z
CPLA [m]
Complement Data Memory with result in ACC
Description
Each bit of the specified Data Memory is logically complemented (1
¢s complement). Bits
which previously contained a 1 are changed to 0 and vice versa. The complemented result
is stored in the Accumulator and the contents of the Data Memory remain unchanged.
Operation
ACC
¬ [m]
Affected flag(s)
Z
DAA [m]
Decimal-Adjust ACC for addition with result in Data Memory
Description
Convert the contents of the Accumulator value to a BCD ( Binary Coded Decimal) value re-
sulting from the previous addition of two BCD variables. If the low nibble is greater than 9 or
if AC flag is set, then a value of 6 will be added to the low nibble. Otherwise the low nibble
remains unchanged. If the high nibble is greater than 9 or if the C flag is set, then a value of
6 will be added to the high nibble. Essentially, the decimal conversion is performed by add-
ing 00H, 06H, 60H or 66H depending on the Accumulator and flag conditions. Only the C
flag may be affected by this instruction which indicates that if the original BCD sum is
greater than 100, it allows multiple precision decimal addition.
Operation
[m]
¬ ACC + 00H or
[m]
¬ ACC + 06H or
[m]
¬ ACC + 60H or
[m]
¬ ACC + 66H
Affected flag(s)
C
DEC [m]
Decrement Data Memory
Description
Data in the specified Data Memory is decremented by 1.
Operation
[m]
¬ [m] - 1
Affected flag(s)
Z
DECA [m]
Decrement Data Memory with result in ACC
Description
Data in the specified Data Memory is decremented by 1. The result is stored in the Accu-
mulator. The contents of the Data Memory remain unchanged.
Operation
ACC
¬ [m] - 1
Affected flag(s)
Z
HALT
Enter power down mode
Description
This instruction stops the program execution and turns off the system clock. The contents
of the Data Memory and registers are retained. The WDT and prescaler are cleared. The
power down flag PDF is set and the WDT time-out flag TO is cleared.
Operation
TO
¬ 0
PDF
¬ 1
Affected flag(s)
TO, PDF
HT46R01B/02B/01N/02N
HT48R01B/02B/01N/02N
Rev.1.00
59
December 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com