Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01N Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R01N
Description  Small Package 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01N Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R01N Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01N Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
Interrupt
A/D
PWM
Stack
Package
Ext.
Int.
HT48R01B
1K
´15
96
´8
82
11
3
¾¾
6
10MSOP
HT48R02B
2K
´15
96
´8
82
11
3
¾¾
6
10MSOP
HT46R01B
1K
´15
96
´8
82
11
4
12-bit
´4 8-bit´1
6
10MSOP
HT46R02B
2K
´15
96
´8
82
11
4
12-bit
´4 8-bit´1
6
10MSOP
HT48R01N
1K
´15
96
´8
10
2
1
1
3
¾¾
6
16NSOP
HT48R02N
2K
´15
96
´8
10
2
1
1
3
¾¾
6
16NSOP
HT46R01N
1K
´15
96
´8
10
2
1
1
4
12-bit
´4 8-bit´1
6
16NSOP
HT46R02N
2K
´15
96
´8
10
2
1
1
4
12-bit
´4 8-bit´1
6
16NSOP
Note:
The internal clock in the table is a fully integrated RC oscillator requiring no external components which can be
used as the system clock.
Block Diagram
The following block diagram illustrates the main functional blocks.
HT46R01B/02B/01N/02N
HT48R01B/02B/01N/02N
Rev.1.00
2
December 15, 2009
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
P F D
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
A / D
C o n v e r t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com