Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48F10E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48F10E
Description  I/O Flash Type MCU with EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F10E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48F10E Datasheet HTML 17Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 18Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 19Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 20Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 21Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 22Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 23Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 24Page - Holtek Semiconductor Inc HT48F10E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.60
21
July 29, 2009
ERASE
The
²ERASE² instruction is used to erase data at a
specified address. The data at the address specified will
be set to
²1². To instigate an ²ERASE² instruction, the
CS bit should be set high, followed by a high start bit and
then the instruction code
²11², all transmitted via the DI
bit. The address information should then follow with the
MSB bit being transmitted first. After all the
²ERASE² in-
struction code and address have been transmitted, the
data at the specified address will be erased when the
CS bit is cleared to zero. The EEPROM does this by ex-
ecuting an internal write cycle which will set all data at
the specified address to
²1². This process takes place
internally using the EEPROM
¢s own internal clock and
does not require any action from the SK clock. No fur-
ther instructions can be accepted by the EEPROM until
the write cycle has finished. To determine when the write
cycle has ended, the CS should be again brought high
and the DO bit polled. If the DO bit is low this indicates
that the write-cycle is still in progress, however, the DO
bit will change to a high value when the write-cycle has
ended. Before an
²ERASE² instruction is transmitted,
an
²EWEN² instruction must have been transmitted at
some point earlier to ensure that the erase/write function
of the EEPROM is enabled.
Internal Write Cycle
The write or erase instructions,
²WRITE², ²ERASE²,
²ERAL² or ²WRAL² will all use the EEPROM¢s internal
write cycle function. As this function is completely inter-
nally timed, the SK clock is not required. As the MCU has
no control over the timing of this write cycle, it must still
have some way of knowing when the internal write cycle
has completed. This is because, when the internal write
cycle is executing, the EEPROM will not accept any fur-
ther instructions from the MCU. The MCU must therefore
wait until the write cycle has finished before sending any
further instructions.
One way for the MCU to know when the write cycle has
terminated is to poll the DO bit after the CS bit has is-
sued a low pulse. The low going edge of this CS bit
pulse will initiate the internal write cycle, when the bit is
returned high the DO bit will go low to indicated that the
write cycle is in progress. When the DO bit returns high
this indicates that the internal write cycle has ended and
that the EEPROM is ready to receive further instruc-
tions.
C S
S K
D O
S t a n d b y
D I
1
t S V
t C D S
B u s y
V e r i f y
0
D 7
D 0
0
0
t P R
S t a r t b i t
1
X X X X X - - 5 - b i t d o n ' t c a r e
WRAL Timing
C S
S K
D O
D I
1
1
S t a r t b i t
S t a n d b y
t S V
t C D S
B u s y
V e r i f y
A 6
A 1
A 0
t P R
A 5
A 4
1
ERASE Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com