Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48RA1 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48RA1
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA1 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48RA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PA0~PA7
I/O
Wake-up*
Pull-high***
Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up in-
put by a option. Software instructions determine the CMOS output or Schmitt trig-
ger input with/without pull-high resistor. The pull-high resistor of each input/output
line is also optional.
PB0/PFD
PB1~PB7
I/O
Pull-high**
PB0 or PFD
Bidirectional 8-bit input/output port. Software instructions determine the CMOS
output or Schmitt trigger input with/without pull-high resistor. The pull-high resis-
tor of each input/output line is also optional. The output mode of PB0 can be
used as an internal PFD signal output and it can be used as a various frequency
carrier signal.
PC0/TMR0
PC1~PC4
PC5/TMR1
I/O
Pull-high*
Bidirectional 6-bit input/output port. Software instructions determine the CMOS
output or Schmitt trigger input with/without pull-high resistor. The pull-high resis-
tor of each input/output line is also optional. PC0 and PC5 are pin shared with
TMR0 and TMR1 function pins.
PF0/INT
I/O
Pull-high*
Bidirectional 1-bit input/output port. Software instructions determine the CMOS
output or Schmitt trigger input with/without pull-high resistor. The pull-high resis-
tor of this input/output line is also optional. PF0 is pin shared with the INT func-
tion pin.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or Crystal (determined by option)
for the internal system clock. In the case of RC operation, OSC2 is the output
terminal for 1/4 system clock.
RES
I
¾
Schmitt trigger reset input, active low.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
Note:
* Bit option
** Nibble option
*** Byte option
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48RA1/HT48CA1
Rev. 1.40
3
May 22, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com