Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B40R Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT82B40R
Description  I/O MCU with USB Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT82B40R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
HT82B40R/HT82B40A
Rev. 1.10
34
September 4, 2009
Table High Byte Pointer for Current Table Read TBHP (Address 0X1F)
Register
Bits
Labels
Read/Write
Option
Functions
TBHP (0X1F)
3~0
PGC3~PGC0
R
¾
Store current table read bit11~bit8 data
Configuration Options
No.
Options
1
PA0~7 Pull-high by bit (default Pull-high)
2
PB, PC, PD wake-up by nibble (default Pull-high)
3
PB, PC, PD Pull-high by nibble (default Pull-high)
4
2.4 V (error 0.2V)LVR enable/disable (default enable)
5
WDT function: enable, disable for normal mode (default enable)
6
WDT clock source: RC; (system /4) (default T1)
7
CLRWDT instruction is by 1 or 2
8
PA output mode (CMOS/NMOS/PMOS) by bit (default CMOS)
9
PA0~7 wake-up by bit, (default enable)
10
TBHP enable /disable (default disable)
11
PE0, PE1 Pull-high by bit
12
PE0, PE1 wake-up by bit
13
PB0~7 VDD :5V (default)
14
PB0~7 VDD :V33O V33O regulator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com