Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K74E Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT82K74E
Description  27MHz Keyboard/ Mouse TX 8-Bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K74E Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT82K74E Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K74E Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
HT82K74E/HT82K74EE
Rev. 1.00
32
December 15, 2009
Bit No.
MCU
Name
Function
Name
R/W
Description for Mouse Mode
0
PFC0
AMP_ctrl
R/W
Control AMP function
1: on AMP function
0: off AMP function (default)
1
PFC1
DC_ctrl
R/W
This bit is used to decide whether the DC/DC circuit is in operation
0: enable the DC/DC circuit
0: disable the DC/DC circuit
2
PFC2
LVDF
R
Flag for 2.2V/2.0V battery low signal coming from DC/DC block (the
battery low level 2.2V or 2.0V is selected by configuration option).
1: battery voltage
£ 2.2V/2.0V
0: battery voltage > 2.2V/2.0V
3
PFC3
LVD18
R
1.8V Battery Low signal for DC/DC 1.8V
Always Off in Power Down Mode.
1: battery voltage
£ 1.8V
0: battery voltage > 1.8V
4~7
PFC4~7
Reserved bit
R/W
Always read 0
Control Register
- CTLR
Bit No.
MCU Name
R/W
Description for mouse mode
0
OSC1_C0
R/W
0: no 2X pf capacitor connected to OSC1 (default)
1: has 2X pf capacitor connected to OSC1
1
OSC1_C1
R/W
0: no 4X pf capacitor connected to OSC1 (default)
1: has 4X pf capacitor connected to OSC1
2
OSC1_C2
R/W
0: no 8X pf capacitor connected to OSC1 (default)
1: has 8X pf capacitor connected to OSC1
3
Reserved bit
R/W
Always read 0
4
OSC2_C0
R/W
0: no 2X pf capacitor connected to OSC2 (default)
1: has 2X pf capacitor connected to OSC2
5
OSC2_C1
R/W
0: no 4X pf capacitor connected to OSC2 (default)
1: has 4X pf capacitor connected to OSC2
6
OSC2_C2
R/W
0: no 8X pf capacitor connected to OSC2 (default)
1: has 8X pf capacitor connected to OSC2
7
OSC2_C3
R/W
0: no 16X pf capacitor connected to OSC2 (default)
1: has 16X pf capacitor connected to OSC2
Where
²X² is 3pf capacitor.
OSC CAP Control Register
- OSCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com