Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M9AA Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82M9AA
Description  USB Mouse Encoder 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9AA Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82M9AA Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M9AA Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT82M9AE/HT82M9AA
Rev. 1.90
21
October 21, 2009
signal to the device. The timing is as follows:
Configuring the Device as a PS2 Device
The HT82M9AE/HT82M9AA can be defined as a USB
interface or a PS2 interface by configuring the SPS2 (bit
4 of the USR) and SUSB (bit 5 of the USR). If SPS2=1,
and SUSB=0, the HT82M9AE/HT82M9AA is defined as
PS2 interface, pin USBD- is now defined as PS2 Data
pin and USBD+ is now defined as PS2 Clk pin. The user
can easily read or write to the PS2 Data or PS2 Clk pin
by accessing the corresponding bit PS2DAI (bit 4 of the
USC), PS2CKI (bit 5 of the USC), PS2DAO (bit 6 of the
USC) and S2CKO (bit 7 of the USC) respectively.
The user should make sure that in order to read the data
properly, the corresponding output bit must be set to
²1².
For example, if user wants to read the PS2 Data by
reading PS2DAI, the PS2DAO should be set to
²1². Oth-
erwise it always read a
²0².
If SPS2=0, and SUSB=1, the HT82M9AE/HT82M9AA is
defined as a USB interface. Both the USBD- and
USBD+ are driven by the USB SIE of the
HT82M9AE/HT82M9AA. User only writes or reads the
USB data through the corresponding FIFO.
Both SPS2 and SUSB default is
²0².
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T
R M W K
M i n . 2 . 5 m s
M i n . 1 U S B C L K
I/O Port Special Registers Definition
· Port-A (12H)
- PA
Bit No.
Label
Read/Write
Option
Functions
0~3
PA0~PA3
R/W
¾
I/O (R/W) has pull-low and pull-high option.
Has falling edge wake-up option.
4~6
PA4~PA6
R/W
¾
I/O (R/W) has pull-high option.
Has falling edge wake-up option.
7
PA7
R/W
¾
I/O (R/W) has pull-high option.
Has falling edge wake-up option, pin-shared with timer input pin.
PA (12H) Register
· Port-A Control (13H) - PAC
This port configure the input or output mode of Port-A
· Port-B Control (14H) - PB
Bit No.
Label
Read/Write
Option
Functions
0
PB0
R/W
¾
I/O (R/W), has pull-high option
1
PB1
R/W
¾
I/O (R/W), has pull-high option
2
PB2
R/W
¾
I/O (R/W), has pull-low and pull-high option
3
PB3
R/W
¾
I/O (R/W), has pull-low and pull-high option
4
PB4
R/W
¾
I/O (R/W), has pull-high option, can wake-up
5
PB5
R/W
¾
I/O (R/W), has pull-high option
6
PB6
R/W
¾
I/O (R/W), has pull-high option
7
PB7
R/W
¾
I/O (R/W), has pull-high option, can wake-up
PB (14H) Register
· Port-B Control (15H) - PBC
This port configures the input or output mode of Port-B for I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com