Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V38 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V38
Description  16-Bit CCD/CIS Analog Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V38 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V38 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V38 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+4.3V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..............................0
°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Logic Inputs
VIH
High Level Input Voltage
¾¾
0.8VDD
¾¾
V
VIL
Low Level Input Voltage
¾¾
¾
¾
0.2VDD
V
IIH
High Level Input Current
¾¾
¾
¾
1
mA
IIL
Low Level Input Current
¾¾
¾
¾
1
mA
CIN
Input Capacitance
¾¾
¾
5
¾
pF
Logic Outputs
VOH
High Level Output Voltage
¾ IOH=3mA
DVDD-0.5
¾¾
V
VOL
Low Level Output Voltage
¾ IOL=3mA
¾¾
0.5
V
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Power Supplies
AVDD
AVDD
¾¾
3.15
3.3
3.45
V
DVDD
DVDD
¾¾
3.15
3.3
3.45
V
Maximum Conversion Rate
tMAX
3-channel Mode with CDS
¾¾
30
¾¾
MPS
2-channel Mode with CDS
¾¾
30
¾¾
MPS
1-channel Mode with CDS
¾¾
20
¾¾
MPS
Accuracy (Entire Signal Path)
ADC Resolution
¾¾
¾
16
¾
Bits
Integral Nonlinear (INL)
¾¾
¾
±32
¾
LSB
Differential Nonlinear (DNL)
¾¾
-1
¾
+1
mV
Offset Error
¾¾
-100
¾
+100
mV
Gain Error
¾¾
¾
5
¾
%FSR
HT82V38
Rev. 1.00
3
July 23, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com