Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F10 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT83F10
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT83F10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
HT83FXX
Rev. 1.00
10
May 12, 2009
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, table pointers are used to
setup the address of the data that is to be accessed from
the Program Memory. However, as some devices pos-
sess only a low byte table pointer and other devices pos-
sess both a high and low byte pointer it should be noted
that depending upon which device is used, accessing
look-up table data is implemented in slightly different
ways.
There are two Table Pointer Registers known as TBLP
and TBHP in which the lower order and higher order ad-
dress of the look-up data to be retrieved must be respec-
tively first written. The additional TBHP register allows
the complete address of the look-up table to be defined
and consequently allow table data from any address
and any page to be directly accessed. For this device,
after setting up both the low and high byte table pointers,
the table data can then be retrieved from any area of
Program Memory using the
²TABRDC [m]² instruction or
from the last page of the Program Memory using the
²TABRDL [m]² instruction. When either of these instruc-
tions are executed, the lower order table byte from the
Program Memory will be transferred to the user defined
Data Memory register [m] as specified in the instruction.
The higher order table data byte from the Program
Memory will be transferred to the TBLH special register.
Any unused bits in this transferred higher order byte will
be read as
²0².
The following diagram illustrates the addressing/data
flow of the look-up table.
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the devices.
This example uses raw table data located in the last
page which is stored there using the ORG statement.
The value at this ORG statement is
²700H² which refers
to the start address of the last page within the
2048
´15-bit Program Memory of the microcontroller.
The table pointer is setup here to have an initial value of
²06H². This will ensure that the first data read from the
data table will be at the Program Memory address
²706H² or 6 locations after the start of the last page.
Note that the value for the table pointer is referenced to
the first address of the present page if the
²TABRDC
[m]
² instruction is being used. The high byte of the table
data which in this case is equal to zero will be trans-
ferred to the TBLH register automatically when the
²TABRDL [m]² instruction is executed.
P r o g r a m
M e m o r y
T B L H
S p e c i f i e d b y [ m ]
H i g h B y t e o f T a b l e C o n t e n t s
L o w B y t e o f T a b l e C o n t e n t s
T B L P
P r o g r a m C o u n t e r
H i g h B y t e
Look-up Table
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²706H² transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²705H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org 700h
; sets initial address of HT83F10/20/40/60/80 last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com