Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F20 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT83F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
HT83FXX
Rev. 1.00
11
May 12, 2009
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
Instruction
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*10~*0: Current Program ROM table
P10~P8: Write P12~P8 to TBHP pointer register
@7~@0: Write @7~@0 to TBLP pointer register
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored. Divided into two sections, the first of
these is an area of RAM where special function registers
are located. These registers have fixed locations and
are necessary for correct operation of the device. Many
of these registers can be read from and written to di-
rectly under program control, however, some remain
protected from user manipulation. The second area of
RAM Data Memory is reserved for general purpose use.
All locations within this area are read and write accessi-
ble under program control.
Structure
The Data Memory has a bank, known as Bank, which is
implemented in 8-bit wide RAM. The RAM Data Memory
is located in Bank 0 which is also subdivided into two sec-
tions, the Special Purpose Data Memory and the General
Purpose Data Memory. The length of these sections is
dictated by the type of microcontroller chosen.
The start address of the RAM Data Memory for all de-
vices is the address
²00H², and the last Data Memory
address is
²FFH². Registers which are common to all
microcontrollers, such as ACC, PCL, etc., have the
same Data Memory address.
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
Special Purpose Data Memory
This area of Data Memory, is located in Bank, where
registers, necessary for the correct operation of the
microcontroller, are stored. Most of the registers are
both readable and writable but some are protected and
are readable only, the details of which are located under
the relevant Special Function Register section. Note
that for locations that are unused, any read instruction to
these addresses will return the value
²00H².
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
7 F H
2 F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 8 0 B y t e s )
3 0 H
RAM Data Memory Structure
Note: Most of the RAM Data Memory bits can be directly manipulated using the
²SET [m].i² and ²CLR [m].i² instruc-
tions with the exception of a few dedicated bits. The RAM Data Memory can also be accessed through the
Memory Pointer registers MP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com