Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F20P Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT83F20P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20P Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT83F20P Datasheet HTML 38Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 39Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 40Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 41Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 42Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 43Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 44Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 45Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
HT83FXX
Rev. 1.00
42
May 12, 2009
Voice Output
The device contains an internal 12-bit DAC function
which can be used for audio signal generation.
Voice Control
Two internal registers DAL and DAH contain the 12-bit
digital value for conversion by the internal DAC. There is
also a DAC enable/disable control bit in the PWMC con-
trol register for overall on/off control of the DAC circuit. If
the DAC circuit is not enabled, the the DAH/DAL value
outputs will be invalid. Writing a
²1² to the DAC bit in bit1
of PWMCR will enable the enable DAC circuit, while
writing a
²0² to the DAC bit will disable the DAC circuit.
Audio Output and Volume Control
- DAL, DAH, VOL
The audio output is 12-bits wide whose highest 8-bits
are written into the DAH register and whose lowest four
bits are written into the highest four bits of the DAL regis-
ter. Bits 0~3 of the DAL register are always read as zero.
There are 8 levels of volume which are setup using the
VOL register. Only the highest 3-bits of this register are
used for volume control, the other bits are not used and
read as zero.
8 - b i t C o u n t e r
(
¸ 2 5 6 )
7 - b i t P r e s c a l e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
W D T C l o c k S o u r c e
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
C L R
f S Y S / 4
W D T O s c i l l a t o r
W D T C l o c k S o u r c e
C o n f i g u r a t i o n O p t i o n
Watchdog Timer
D A L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D 3
D 2
D 1
D 0
A u d i o o u t p u t
D A L R e g i s t e r
D A H R e g i s t e r
b 7
b 0
D 1 1 D 1 0 D 9
D 8
A u d i o o u t p u t
D A H R e g i s t e r
V O L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D A C v o l u m e c o n t r o l d a t a
V o i c e C o n t r o l R e g i s t e r
D 7
D 6
D 5
D 4
U s e d b y P W M o u t p u t
V 2
V 1
V 0
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
N o t u s e d
W S 1 W S 0
Watchdog Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com