| Electronic Components Datasheet Search |
|
HT86B10 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B10 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc |
|
35 / 79 page ![]() HT86BXX/HT86BRXX Rev. 1.60 35 October 20, 2009 Programming Considerations Within the user program, one of the first things to con- sider is port initialization. After a reset, all of the I/O data and port control registers will be set high. This means that all I/O pins will default to an input state, the level of which depends on the other connected circuitry and whether pull-high options have been selected. If the port control registers, PAC, PBC, PDC, etc., are then pro- grammed to setup some pins as outputs, these output pins will have an initial high output value unless the as- sociated port data registers, PA, PB, PD, etc., are first programmed. Selecting which pins are inputs and which are outputs can be achieved byte-wide by loading the correct values into the appropriate port control register or by programming individual bits in the port control reg- ister using the ²SET [m].i² and ²CLR [m].i² instructions. Note that when using these bit control instructions, a read-modify-write operation takes place. The microcontroller must first read in the data on the entire port, modify it to the required new bit values and then re- write this data back to the output ports. Port A has the additional capability of providing wake-up functions. When the device is in the Power Down Mode, various methods are available to wake the device up. One of these is a high to low transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this function. Timers The provision of timers form an important part of any microcontroller, giving the designer a means of carrying out time related functions. The devices in the Voice Type MCU series contain either three or four count up timers of either 8 or 16-bit capacity depending upon which de- vice is selected. The provision of an internal prescaler to the clock circuitry of some of the timer gives added range to the timer. There is single type of register related to the Timer. The first is the register that contains the actual value of the timer and into which an initial value can be preloaded. Reading from this register retrieves the contents of the Timer. All devices can have the timer clock configured to come from the internal clock source. The accompanying table lists the associated timer register names. HT86B05 HT86B10 HT86BR10 HT86B20 HT86B30 HT86BR30 HT86B40 HT86B50 HT86B60 HT86BR60 HT86B70 HT86B80 HT86B90 No. of 8-bit Timers 33 Timer Register Name TMR0 TMR1 TMR3 TMR0 TMR1 TMR3 Timer Control Register TMR0C TMR1C TMR3C TMR0C TMR1C TMR3C No. of 16-bit Timers ¾ 1 Timer Register Name ¾ TMR2L TMR2H Timer Control Register ¾ TMR2C Configuring the Timer Input Clock Source The clock source for the 8-bit timers is the system clock divided by four while the 16-bit timer has a choice of ei- ther the system clock or the system clock divided by four. The 8-bit timer clock source is also first divided by the division ratio of which is conditioned by the three lower bits of the associated timer control register. T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 W r i t e t o P o r t R e a d f r o m P o r t S y s t e m C l o c k P o r t D a t a Read/Write Timing T i m e r M o d e C o n t r o l T 0 O N T 1 O N T 3 O N P r e l o a d R e g i s t e r T i m e r D a t a B u s R e l o a d O v e r f l o w t o I n t e r r u p t T 3 P S C 2 ~ T 3 P S C 0 T 1 P S C 2 ~ T 1 P S C 0 T 0 P S C 2 ~ T 0 P S C 0 8 - B i t T i m e r f S Y S / 4 P r e s c a l e r ( 1 / 2 ~ 1 / 2 5 6 ) T 3 T M 1 T 1 T M 1 T 0 T M 1 T 3 T M 0 T 1 T M 0 T 0 T M 0 8-bit Timer Structure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |