Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86B30 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT86B30
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B30 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT86B30 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 56Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 57Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 58Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
55
October 20, 2009
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
No.
HT86B05/HT86B10/HT86BR10/HT86B20/HT86B30/HT86BR30 Options
I/O Options
1
PA0~PA7: wake-up enable or disable (bit option)
2
PA0~PA7: pull-high enable or disable (bit option)
3
PB0~PB7: pull-high enable or disable (bit option)
Oscillation Option
4
OSC type selection: RC or crystal
Interrupt Option
5
INT Triggering edge: Falling or both
Watchdog Options
6
WDT: enable or disable
7
WDT clock source: WDROSC or T1
8
CLRWDT instructions: 1 or 2 instructions
Low Voltage Reset Option
9
LVR select: enable or disable
No.
HT86B40/HT86B50/HT86B60/HT86BR60/HT86B70/HT86B80/HT86B90 Options
I/O Options
1
PA0~PA7: wake-up enable or disable
2
PA0~PA7: pull-high enable or disable
3
PB0~PB7: pull-high enable or disable
4
PD0~PD7: pull-high enable or disable
5
PB share pin select: PB0~7 or K0~7
6
PD share pin select: PD4~7 or external RC oscillation converter pin
Oscillation Option
7
OSC type selection: RC or crystal
Interrupt Option
8
INT Triggering edge: Falling or both
Watchdog Options
9
WDT: enable or disable
10
WDT clock source: WDROSC or T1
11
CLRWDT instructions: 1 or 2 instructions
Low Voltage Reset Option
12
LVR select: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com