Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86B70 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT86B70
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B70 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT86B70 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 56Page - Holtek Semiconductor Inc HT86B70 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
53
October 20, 2009
T i m e r 2
T i m e r 4
R C O C O N
O V B = 1
O V B = 0
E x t e r n a l R C O s c i l l a t i o n C o n v e r t e r I n t e r r u p t
R e s e t R C O C O N
R C O S C O u t p u t
f S Y S / 4
C l o c k
S e l e c t
f S Y S
R C O M O B i t
Programming Considerations
As the 16-bit Timers have both low byte and high byte
timer registers, accessing these registers is carried out
in a specific way. It must be noted that when using in-
structions to preload data into the low byte registers,
namely TMR2L or TMR4L, the data will only be placed
into a low byte buffer and not directly into the low byte
register. The actual transfer of the data into the low byte
register is only carried out when a write to its associated
high byte register, namely TMR2H or TMR4H, is exe-
cuted. However, using instructions to preload data into
the high byte timer register will result in the data being
directly written to the high byte register. At the same time
the data in the low byte buffer will be transferred into its
associated low byte register. For this reason, when
preloading data into the 16-bit timer registers, the low
byte should be written first. It must also be noted that to
read the contents of the low byte register, a read to the
high byte register must first be executed to latch the con-
tents of the low byte buffer into its associated low byte
register. After this has been done, the low byte register
can be read in the normal way. Note that reading the low
byte timer register will only result in reading the previ-
ously latched contents of the low byte buffer and not the
actual contents of the low byte timer register.
Program Example
External RC oscillation converter mode example program
- Timer 2 overflow:
clr
RCOCCR
mov
a, 00000010b
; Enable External RC oscillation mode and set Timer 2
; overflow interrupt
mov
RCOCR,a
clr
intch.4
; Clear External RC Oscillation Converter interrupt
; request flag
mov
a, low (65536-1000); Give timer 2 initial value
mov
Tmr2l, a
; Timer 2 count 1000 time and then overflow
mov
a, high (65536-1000)
mov
Tmr2h, a
mov
a, 00h
; Give timer 4 initial value
mov
Tmr4l, a
mov
a, 00h
mov
Tmr4h, a
mov
a, 00110000b
; Timer 2 clock source=fSYS/4 and timer on
mov
RCOCCR, a
p10:
clr
Wdt
snz
intch.4
; Polling External RC Oscillation Converter interrupt
; request flag
jmp
p10
clr
intch.4
; Clear External RC Oscillation Converter interrupt
; request flag
; Program continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com