Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R33 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
HT95R33
Rev. 1.10
23
February 18, 2009
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer/Event Counter requires microcontroller
attention, their corresponding interrupt will enforce a
temporary suspension of the main program allowing the
microcontroller to direct attention to their respective
needs. Each device contains a single external interrupt
and single internal timer interrupt functions. The exter-
nal interrupt is controlled by the action of the external
INT pin, while the internal interrupt are controlled by
Timer/Event Counter overflow, a Real Time Clock over-
flow, a DTMF reciever valid character reception etc.
Interrupt Register
Overall interrupt control, which means interrupt enabling
and request flag setting, is controlled by two interrupt
control registers, INTC0 and INTC1, located in the Data
Memory. By controlling the appropriate enable bits in
this register each individual interrupt can be enabled or
disabled. Also when an interrupt occurs, the corre-
sponding request flag will be set by the microcontroller.
The global enable flag if cleared to zero will disable all
interrupts.
Interrupt Operation
A Timer/Event Counter overflow, the reception of a valid
DTMF character etc. or the external interrupt line being
pulled low will all generate an interrupt request by set-
ting their corresponding request flag, if their appropriate
interrupt enable bit is set. When this happens, the Pro-
gram Counter, which stores the address of the next in-
struction to be executed, will be transferred onto the
stack. The Program Counter will then be loaded with a
new address which will be the value of the correspond-
ing interrupt vector. The microcontroller will then fetch
its next instruction from this interrupt vector. The instruc-
tion at this vector will usually be a JMP statement which
will take program execution to another section of pro-
gram which is known as the interrupt service routine.
Here is located the code to control the appropriate inter-
rupt. The interrupt service routine must be terminated
with a RETI statement, which retrieves the original Pro-
gram Counter address from the stack and allows the
microcontroller to continue with normal execution at the
point where the interrupt occurred.
The various interrupt enable bits, together with their as-
sociated request flags, are shown in the accompanying
diagram with their order of priority.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked, as the EMI bit will be cleared au-
tomatically. This will prevent any further interrupt nesting
from occurring. However, if other interrupt requests oc-
cur during this interval, although the interrupt will not be
immediately serviced, the request flag will still be re-
corded. If an interrupt requires immediate servicing
while the program is already in another interrupt service
routine, the EMI bit should be set after entering the rou-
tine, to allow interrupt nesting. If the stack is full, the in-
terrupt request will not be acknowledged, even if the
related interrupt is enabled, until the Stack Pointer is
decremented. If immediate service is desired, the stack
must be prevented from becoming full.
T i m e r / E v e n t C o u n t e r 1 I n t e r r u p t E n a b l e
1 : e n a b l e
0 : d i s a b l e
I N T C 0 R e g i s t e r
M a s t e r I n t e r r u p t G l o b a l E n a b l e
1 : g l o b a l e n a b l e
0 : g l o b a l d i s a b l e
b 7
b 0
E T 0 I E E I
E M I
T i m e r / E v e n t C o u n t e r 0 I n t e r r u p t E n a b l e
1 : e n a b l e
0 : d i s a b l e
T i m e r / E v e n t C o u n t e r 0 I n t e r r u p t R e q u e s t F l a g
1 : a c t i v e
0 : i n a c t i v e
E I F
T 0 F
E T 1 I
T 1 F
E x t e r n a l I n t e r r u p t E n a b l e
1 : e n a b l e
0 : d i s a b l e
E x t e r n a l I n t e r r u p t R e q u e s t F l a g
1 : a c t i v e
0 : i n a c t i v e
T i m e r / E v e n t C o u n t e r 1 I n t e r r u p t R e q u e s t F l a g
1 : a c t i v e
0 : i n a c t i v e
N o t i m p l e m e n t e d , r e a d a s " 0 "
Interrupt Control 0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com