Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1620 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 324 LCD Controller for I/O MCU
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HT1620
Rev. 1.80
8
July 27, 2009
PATENTED
Functional Description
Display Memory
- RAM structure
The static display RAM is organized into 32
´4 bits and
stores the display data. The contents of the RAM are di-
rectly mapped to the contents of the LCD driver. Data in
the RAM can be accessed by the READ, WRITE and
READ-MOD IFY-WRITE commands. The following is a
mapping from the RAM to the LCD patterns.
Time Base and Watchdog Timer
- WDT
The time base generator and WDT share the same di-
vided (
¸256) counter. TIMER DIS/EN/CLR, WDT
DIS/EN/CLR and IRQ EN/DIS are independent from
each other. Once the WDT time-out occurs, the IRQ pin
will stay at a logic low level until the CLR WDT or the
IRQ DIS command is issued.
Buzzer Tone Output
A simple tone generator is implemented in the HT1620.
The tone generator can output a pair of differential driv-
ing signals on the BZ and BZ which are used to gener-
ate a single tone.
LCD Driver
The HT1620 is a 128 (32
´4) pattern LCD driver. It can be
configured as 1/2 or 1/3 bias and 2 or 3 or 4 commons of
LCD driver by the S/W configuration. This feature
makes the HT1620 suitable for multiple LCD applica-
tions. The LCD driving clock is derived from the system
clock. The value of the driving clock is always 256Hz even
when it is at a 32.768kHz crystal oscillator frequency. The
LCD corresponding commands are summarized in the ta-
ble.
S E G 0
S E G 1
S E G 2
S E G 3
S E G 3 1
C O M 0
C O M 1
C O M 2
C O M 3
D 3
D 2
D 1
D 0
D a t a
A d d r
3 1
0
1
2
3
A d d r e s s 6 b i t s
( A 5 , A 4 , . . . , A 0 )
D a t a 4 b i t s
( D 3 , D 2 , D 1 , D 0 )
RAM Mapping
W D T E N / D I S
I R Q E N / D I S
D
C K
Q
R
C L R W D T
C l o c k S o u r c e
/ 4
/ 2 5 6
T i m e B a s e
C L R T i m e r
I R Q
W D T
V D D
T I M E R E N / D I S
Timer and WDT Configurations
Name
Command Code
Function
LCD OFF
100 00000010X
Turn off LCD outputs
LCD ON
100 00000011X
Turn on LCD outputs
BIAS and COM
100 0010abXcX
c=0: 1/2 bias option
c=1: 1/3 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com