Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT761X Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT761X
Description  General Purpose PIR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT761X Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT761X Datasheet HTML 1Page - Holtek Semiconductor Inc HT761X Datasheet HTML 2Page - Holtek Semiconductor Inc HT761X Datasheet HTML 3Page - Holtek Semiconductor Inc HT761X Datasheet HTML 4Page - Holtek Semiconductor Inc HT761X Datasheet HTML 5Page - Holtek Semiconductor Inc HT761X Datasheet HTML 6Page - Holtek Semiconductor Inc HT761X Datasheet HTML 7Page - Holtek Semiconductor Inc HT761X Datasheet HTML 8Page - Holtek Semiconductor Inc HT761X Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
Supply Voltage .......................................
-0.3V to +13V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Zero Crossing Current ................................Max. 300
mA
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
¾¾
5
9
12
V
VEE
Regulator Output Voltage
12V
VDD-VEE
3.5
4.0
4.5
V
IDD
Operating Current
12V
No load, OSC on
¾
100
350
mA
IOH1
OUTPUT Source Current
(RELAY, TRIAC)
12V
VOH=10.8V
-6
12
¾
mA
IOL1
OUTPUT Sink Current
(RELAY, TRIAC)
12V
VOL=1.2V
40
80
¾
mA
IOL2
VEE Sink Current
12V
VDD-VEE=4V
¾¾
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾¾
V
VIL
²L² Input Voltage
¾¾
¾
¾
0.2VDD
V
VTH1
CDS
²H² Transfer Voltage
12V
¾
6.4
8.0
9.6
V
VTL1
CDS
²L² Transfer Voltage
12V
¾
3.7
4.7
5.6
V
VTH2
ZC
²H² Transfer Voltage
12V
¾
4.7
6.7
8.7
V
VTL2
ZC
²L² Transfer Voltage
12V
¾
1.3
1.8
2.3
V
VOS
OP Amp Input Offset Voltage
12V
No load
¾
10
35
mV
fSYS
System Oscillator Frequency
12V
ROSCS=560k
W
COSCS=100pF
12.8
16
19.2
KHz
fd
Delay Oscillator Frequency
12V
ROSCD=560k
W
COSCD=100pF
12.8
16
19.2
KHz
AVO
OP Amp Open Loop Gain
12V
No load
60
80
¾
dB
HT761X
Rev. 1.30
3
October 12, 2009
Functional Description
VEE
VEE supplies power to the analog front end cir-
cuit with a normally stabilized voltage of
-4V
with respect to VDD.
OSCS
OSCS is a system oscillator input pin. When it is
connected to an external RC, a system fre-
quency of 16kHz can be generated.
O S C S
V D D
C S
1 0 0 p F
R S
5 6 0 k W
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com