Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7939 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7939 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Circuits
HT7939
Rev 1.10
8
November 3, 2009
H T 7 9 3 9
V I N
E N
S W
O V P
F B
1 0 m H
2 . 2 m F
R f b
0 . 7 7 W
G N D
4 . 7 m F
V I N
4 . 5 V ~ 5 . 5 V
1 N 5 8 1 9
1 3 S t r i n g s
1 0 k W
1 5 0 k W
V D C D i m m i n g
0 V ~ 3 . 3 V
Figure 15. Application Circuit for Dimming Control Using a DC Voltage
H T 7 9 3 9
V I N
E N
S W
O V P
F B
1 0 m H
2 . 2 m F
R f b
0 . 7 7 W
G N D
4 . 7 m F
V I N
4 . 5 V ~ 5 . 5 V
1 N 5 8 1 9
1 3 S t r i n g s
L : G S 5 4 - 1 0 0 K ( G A N G S O N G )
C 1 : G R M 2 1 B R 6 1 E 4 7 5 K A 1 2 L ( M U R A T A )
C 2 : G R M 2 1 B R 7 1 E 2 2 5 K A 7 3 L ( M U R A T A )
Figure 13. Application Circuits for Driving 39 WLEDs
H T 7 9 3 9
V I N
E N
S W
O V P
F B
1 0 m H
2 . 2 m F
R f b
0 . 7 7 W
G N D
4 . 7 m F
V I N
4 . 5 V ~ 5 . 5 V
1 N 5 8 1 9
1 3 S t r i n g s
P W M S i g n a l
Figure 14. Application Circuit for Dimming Control Using a PWM Logic Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com