Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9302 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9302
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9302_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Keyboard Information
Pin Description
Pin Name
I/O
Internal
Connection
Description
C1~C4
R1~R4
I/O
CMOS IN/OUT
These pins form a 4
´4 keyboard matrix which can perform keyboard input detec-
tion and dialing specification setting functions. When on-hook (HKS=high) all the
pins are set high. While off-hook the column group (C1~C4) remains low and the
row group (R1~R4) is set high for key input detection.
An inexpensive single contact 4
´4 keyboard can be used as an input device.
Pressing a key connects a single column to a single row, and actuates the system
oscillator that results in a dialing signal output. If more than two keys are pressed at
the same time, no response occurs. The key-in debounce time is 20ms. Refer to
the keyboard information for keyboard arrangement and to the functional descrip-
tion for dialing specification selection.
X1
I
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor and the necessary
load capacitor on chip. Connecting a standard 3.579545MHz crystal or ceramic
resonator to the X1 and X2 terminals can implement the oscillator function. The
oscillator is turned off in the standby mode, and is actuated whenever a key-
board entry is detected.
X2
O
XMUTE
O
NMOS OUT
XMUTE is an NMOS open drain structure pulled to VSS during dialing signal
transmission. Otherwise, it is an open circuit. The XMUTE is used to mute the
speech circuit when transmitting the dial signal.
HKS
I
CMOS IN
This pin is used to monitor the status of the hook-switch and its combination
with HFI/HDI can control the PO pin output to make or break the line.
HKS=VDD: On-hook state (PO=low). Except for HFI/HDI
(hand-free/hold-line control input), other functions are all disabled.
HKS=VSS: Off-hook state (PO=high). The chip is in the standby mode and
ready to receive the key input.
PO
O
CMOS OUT
This pin is a CMOS output structure, which by receiving HKS and HFO/HDO
signals, control the dialer to connect or disconnect the telephone line.
PO outputs a low to break the line when HKS is high (on-hook) and HFO/HDO
is low. PO outputs a high to make the line when HKS is low (off-hook) or HFO is
high or HDO is high.
During the off-hook state, the pin also outputs the dialing pulse train in pulse
mode dialing. While in the tone mode, this pin is always high.
MODE
I/O
CMOS IN/OUT
This is a three-state input/output pin, used for dialing mode selection whether
Tone mode or Pulse mode; 10pps/20pps.
MODE=VDD: Pulse mode, 10pps
MODE=OPEN: Pulse mode, 20pps
MODE=VSS: Tone mode
During pulse mode dialing, switching this pin to the tone mode changes the
subsequent digit entry to tone mode. When the chips are in tone mode, switch-
ing to the pulse mode will also be recognized.
HT9302 Series
Rev. 1.30
3
May 13, 2009
H T 9 3 0 2 A / B / C / D
1
4
7
* / T
2
5
8
0
3
6
9
#
S A
F
P
R
R 4
R 3
R 2
R 1
C 4
C 1
C 2
C 3
H K S
H T 9 3 0 2 G
1
4
7
* / T
2
5
8
0
3
6
9
#
F
P
R
R 4
R 3
R 2
R 1
C 1
C 2
C 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com