Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA3202EG Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA3202EG
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3202EG Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA3202EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA3202EG Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Sensors
Freescale Semiconductor
7
MMA3202KEG
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct
footprint, the packages will self-align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and
shorting between solder pads.
Figure 6. Footprint SOIC-20 (Case 475A-02)
0.380 in.
9.65 mm
0.050 in.
1.27 mm
0.024 in.
0.610 mm
0.080 in.
2.03 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com