Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5632MF0MMGA6 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
72
VIH_S
SR
—
Slow/medium pad
I/O input high
voltage
Hysteresis
enabled
0.65 VDDEH
—VDDEH+0.3
V
—
hysteresis
disabled
0.55 VDDEH
—VDDEH+0.3
VIH_F
SR
—
Fast pad I/O input
high voltage
Hysteresis
enabled
0.65 VDDE
—VDDE+0.3
V
—
hysteresis
disabled
0.55 VDDE
—VDDE+0.3
VIH_LS
SR
—
Multi-voltage pad I/O
input high voltage in
low-swing
mode9,10,11,12,13
Hysteresis
enabled
2.5
—
4.0
V
—
Hysteresis
disabled
2.2
—
4.0
VIH_HS
SR
—
Multi-voltage pad I/O
input high voltage in
high-swing mode14
Hysteresis
enabled
0.65 VDDEH
—VDDEH+0.3
V
—
Hysteresis
disabled
0.55 VDDEH
—VDDEH+0.3
VOL_S
CC
C
Slow/medium
multi-voltage pad I/O
output low
voltage17,15
——
—
0.2*VDDEH
V
VOL_F
CC
C
Fast pad I/O output
low voltage16,17
——
—
0.2*VDDE
V
VOL_LS
SR
—
Multi-voltage pad I/O
output low voltage in
low-swing
mode9,10,11,12,16
IOL =2mA
—
—
0.6
V
VOL_HS
SR
—
Multi-voltage pad I/O
output low voltage in
high-swing mode16
——
—
0.2 VDDEH
V
VOH_S
CC
P
Slow/medium pad
I/O output high
voltage17,15
—0.8 VDDEH
——
V
VOH_F
CC
P
Fast pad I/O output
high voltage16,17
—0.8 VDDE
——
V
VOH_LS
SR
—
Multi-voltage pad I/O
output high voltage
in low-swing
mode9,10,11,12,16
IOH =2mA
2.3
3.1
3.7
V
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com