Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5633MF0MMGA8 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
— Configurable bus speed modes
— Bus monitor
— Configurable wait states
•
System integration unit (SIU)
— Centralized GPIO control of 80 I/O pins
— Centralized pad control on a per-pin basis
– Pin function selection
– Configurable weak pull-up or pull-down
– Drive strength
–Slew rate
– Hysteresis
— System reset monitoring and generation
— External interrupt inputs, filtering and control
— Critical Interrupt control
— Non-Maskable Interrupt control
— Internal multiplexer subblock (IMUX)
– Allows flexible selection of eQADC trigger inputs (eTPU, eMIOS and external signals)
– Allows selection of interrupt requests between external pins and DSPI
•
Error correction status module (ECSM)
— Configurable error-correcting codes (ECC) reporting
•
On-chip flash memory
— Up to 1.5 MB flash memory, accessed via a 64-bit wide bus interface
— 16 KB shadow block
— Fetch Accelerator
– Provide single cycle flash access @ 80 MHz
– Quadruple 128-bit wide prefetch/burst buffers
– Prefetch buffers can be configured to prefetch code or data or both
— Censorship protection scheme to prevent flash content visibility
— Flash divided into two independent arrays, allowing reading from one array while erasing/programming the other
array (used for EEPROM emulation)
— Memory block:
– For MPC5634M: 18 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 10 × 128 KB)
– For MPC5633M: 14 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 6 × 128 KB)1
– For MPC5632M: 12 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 4 × 128 KB)
— Hardware programming state machine
•
On-chip static RAM
— For MPC5634M: 94 KB general purpose RAM of which 32 KB are on standby power supply
— For MPC5633M: 64 KB general purpose RAM of which 24 KB are on standby power supply2
— For MPC5632M: 48 KB general purpose RAM of which 24 KB are on standby power supply
•
Boot assist module (BAM)
— Enables and manages the transition of MCU from reset to user code execution in the following configurations:
– Execution from internal flash memory
1. Revision 1 of the MPC5633M has a different flash memory organization: 10 blocks (2
× 16 KB, 2 × 48 KB, 2 × 64 KB, 2 ×
128 KB, 2
× 256 KB).
2. Revision 1 of the MPC5633M has a different RAM organization: 48 KB general-purpose RAM, of which 24 KB are on the
standby power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com