Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF4521 Datasheet(PDF) 12 Page - Shoulder Electronics Limited.

Part # HDF4521
Description  SAW FILTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4521 Datasheet(HTML) 12 Page - Shoulder Electronics Limited.

Back Button HDF4521 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 11Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 12Page - Shoulder Electronics Limited. HDF4521 Datasheet HTML 13Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SAW FILTER
HD F4521
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 12 of 13
9. TAPE SPECIFICATIONS
9.1 Tensile Strength of Carrier Tape: 4.4N/mm width
9.2 Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15º
(2) speed: 300mm/min.
(3) force: 20~70g
[Figure 1] Carrier Tape Dimensions
[Unit:mm]
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.00
±0.30
5.50
±0.10
1.75
±0.10
4.00
±0.10
8.00
±0.10
2.00
±0.10
Ø1.50
Ø1.0
±
0.25
0.25
±0.05
1.65
±0.10
4.04
±0.10
4.10
±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com