Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF135T Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF135T
Description  SAW FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF135T Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF135T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 3Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 4Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 5Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDF135T
S24
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter F135T
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2.2Electronic Characteristics
This filter can be used in single-end Input/Output or Balanced.
3. DIMENSION
Item
Min.
Typ.
Max.
Insertion Loss(reference level)
23.0
dB
Center frequency (3dB)
135.42
MHz
Pass band shape(3 dB-BW)
Gaussian
3 dB bandwidth
23.0
MHz
-
Relative attenuation
Fc-50MHz- fc-15MHz
32 dB
Fc+15MHz – fc+50MHz
32 dB
Temperature coefficient
85
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com