Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C304 Datasheet(PDF) 1 Page - Powerbox

Part # C304
Description  150 WATTS (AC) DC/DC SINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C304 Datasheet(HTML) 1 Page - Powerbox

  C304 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
428
C300 Series
150
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
INPUT VDC
INPUT VAC
OUTPUT VDC
10-16
OUTPUT
AMPS
18-36
36-75
45-90
80-160
160-320
93-138
185-264
OUTPUT
AMPS
MIN.
MAX.
C 300
15
C 320
C 330
C 340
C 350
C 370
C 390
20
4,5
5,5
C 301
10
C 321
C 331
C 341
C 351
C 371
C 391
15
8
10
C 302
8
C 322
C 332
C 342
C 352
C 372
C 392
12
11
13
C 303
6,5
C 323
C 333
C 343
C 353
C 373
C 393
10
14
16
C 304
4
C 324
C 334
C 344
C 354
C 374
C 394
6
23
26
C 305
3,5
C 325
C 335
C 345
C 355
C 375
C 395
5
26
30
C 306
1,6
C 326
C 336
C 346
C 356
C 376
C 396
2,3
58
68
C 307
0,8
C 327
C 337
C 347
C 357
C 377
C 397
1,2
100
130
C 308
0,4
C 328
C 338
C 348
C 358
C 378
C 398
0,6
200
250
C 309
2
C 329
C 339
C 349
C 359
C 379
C 399
3
45
55
Features
•
Single Output
• 3U x 14TE x 165mm
12TE: Upon request
•
Weight 1kg
Technical Illustration
C300
70.8
(14TE)
1.5TE
165


Similar Part No. - C304

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C3040C103JGGACAUTO KEMET-C3040C103JGGACAUTO Datasheet
71Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 2,000 V, 3040, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3040C104JCGACAUTO KEMET-C3040C104JCGACAUTO Datasheet
71Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 500 V, 3040, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3040C332BBGACAUTO KEMET-C3040C332BBGACAUTO Datasheet
1Mb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C3040C332BBGACAUTO KEMET-C3040C332BBGACAUTO Datasheet
1Mb / 20P
High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C3040C332BBGACAUTO KEMET-C3040C332BBGACAUTO Datasheet
803Kb / 22P
High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C304

ManufacturerPart #DatasheetDescription
logo
Powerbox
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
15-150 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
150 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
80 WATTS SINGLE OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com