Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4749 Datasheet(PDF) 1 Page - Powerbox

Part # C4749
Description  2500 WATTS (AC) DC/D CSINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C4749 Datasheet(HTML) 1 Page - Powerbox

  C4749 Datasheet HTML 1Page - Powerbox C4749 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
435
Your dependable power partner – www.powerbox.com.au
C4700 Series
2500
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
•
Single Output
•
6U x 28TE x 306mm
•
Weight 9.0kg
INPUT VDC
OUTPUT VDC
10-16
OUTPUT
AMPS
20-32
OUTPUT
AMPS
40-64
50-80
OUTPUT
AMPS
80-160 160-320 OUTPUT
AMPS
MIN
MAX
C 4700
100
C 4720
160(1)
C 4730
C 4740
180(1)
C 4750
C 4770
1801)
4,5
5,5
C 4701
80
C 4721
110
C 4731
C 4741
140
C 4751
C 4771
150
8
10
C 4702
68
C 4722
95
C 4732
C 4742
120
C 4752
C 4772
130
11
13
C 4703
58
C 4723
80
C 4733
C 4743
100
C 4753
C 4773
110
14
16
C 4704
46
C 4724
60
C 4734
C 4744
75
C 4754
C 4774
80
23
26
C 4705
40
C 4725
50
C 4735
C 4745
65
C 4755
C 4775
70
26
30
C 4706
18
C 4726
25
C 4736
C 4746
31
C 4756
C 4776
33
58
68
C 4707
10
C 4727
13
C 4737
C 4747
18
C 4757
C 4777
20
100
130
C 4708
5
C 4728
7
C 4738
C 4748
10
C 4758
C 4778
10
200
250
C 4709
22
C 4729
30
C 4739
C 4749
38
C 4759
C 4779
40
45
55
INPUT VAC
OUTPUT VDC
185-264
93-138
185-264
3 X 400
(320-460)
3 X 480
(400-530)
OUTPUT
AMPS
MIN.
MAX.
C 4780
C 4790
C 4780 V
C 4790 V
180(1)
4,5
5,5
C 4781
C 4791
C 4781 V
C 4791 V
150
8
10
C 4782
C 4792
C 4782 V
C 4792 V
130
11
13
C 4783
C 4793
C 4783 V
C 4793 V
110
14
16
C 4784
C 4794
C 4784 V
C 4794 V
80
23
26
C 4785
C 4795
C 4785 V
C 4795 V
70
26
30
C 4786
C 4796
C 4786 V
C 4796 V
33
58
68
C 4787
C 4797
C 4787 V
C 4797 V
20
100
130
C 4788
C 4798
C 4788 V
C 4798 V
10
200
250
C 4789
C 4799
C 4789 V
C 4799 V
40
45
55
Selection Tables
(1) Suited for wall-mount, alternatives upon request


Similar Part No. - C4749

ManufacturerPart #DatasheetDescription
logo
Surge Components
C47 SURGE-C47 Datasheet
2Mb / 9P
Withstanding overvoltage stressing
logo
Vectron International, ...
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4700 VECTRON-C4700 Datasheet
136Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
logo
Cree, Inc
C470EZ1000-SXX000 CREE-C470EZ1000-SXX000 Datasheet
305Kb / 6P
Cree® EZ1000™ LEDs
More results

Similar Description - C4749

ManufacturerPart #DatasheetDescription
logo
Powerbox
C200 POWERBOX-C200 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
C500 POWERBOX-C500 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
C600 POWERBOX-C600 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
1250 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
22000 WATTS (AC) DC/D CSINGLE OUTPUT
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com