Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-4233 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-4233
Description  Property of Lite-On Only
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4233 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-4233 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
5.6
19
mcd
IF = 10mA
Note 1,4
Viewing Angle
2θ1/2
36
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
565
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
568
573
578
nm
Note 3
Spectral Line Half-Width
Δλ
30
nm
Forward Voltage
VF
2.1
2.6
V
IF = 20mA
Reverse Current
IR
100
μ
A
VR = 5V
Capacitance
C
35
pF
VF = 0 , f = 1MHz
Note: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
(Commission International De L'Eclairage) eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. The Iv guarantee should be added ±15%.
Part No. : LTL-4233
Page :
3
of
7
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com