Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUP30 Datasheet(PDF) 2 Page - Powerbox

Part # PUP30
Description  30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PUP30 Datasheet(HTML) 2 Page - Powerbox

  PUP30 Datasheet HTML 1Page - Powerbox PUP30 Datasheet HTML 2Page - Powerbox PUP30 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
264
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL VNOM IMIN IMAX IPEAK TOL VNOM
IMIN IMAX TOL
VNOM
IMIN
IMAX
TOL
POWER
PUP30-10
5–6V
0A
5.0A
5%
24W
PUP30-10-1
6–8V
0A
4.5A
2%
27W
PUP30-11
9–11V
0A
3.3A
2%
30W
PUP30-12
11–13V
0A
2.7A
2%
30W
PUP30-13
13–17V
0A
2.3A
2%
30W
PUP30-13-1
17–21V
0A
1.7A
2%
30W
PUP30-14
21–27V
0A
1.4A
2%
30W
PUP30-16
27–33V
0A
1.1A
2%
30W
PUP30-17
33–39V
0A
0.9A
2%
30W
PUP30-18
48V
0A
0.7A
2%
30W
PUP30-23
+5V
0.3A
3.0A
5%
+12V
0.1A
2.0A
5%
30W
PUP30-24
+5V
0.3A
3.0A
5%
+15V
0.1A
1.5A
5%
30W
PUP30-25
+5V
0.3A
3.0A
5%
+24V
0.1A
1.0A
5%
30W
PUP30-31
+5V
0.3A
3.0A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
30W
PUP30-32
+5V
0.3A
3.0A
5%
+15V
0A
0.8A
5%
-15V
0A
0.8A
5%
30W
PUP55-10
5–6V
0A
8A
5%
40W
PUP55-10-1
6–8V
0A
7.5A
5%
45W
PUP55-11
9–11V
0A
5A
5%
50W
PUP55-12
11–13V
0A
4.6A
5%
55W
PUP55-13
13–17V
0A
3.7A
3%
55W
PUP55-13-1
17–21V
0A
3.1A
3%
55W
PUP55-14
21–27V
0A
2.3A
3%
55W
PUP55-16
27–33V
0A
1.9A
3%
55W
PUP55-17
33–39V
0A
1.6A
3%
55W
PUP55-18
48V
0A
1.2A
3%
55W
PUP55-23
+5V
1A
5A
5%
+12V
0.5A
3A
5%
55W
PUP55-24
+5V
1A
5A
5%
+15V
0.4A
2.5A
5%
55W
PUP55-25
+5V
1A
5A
5%
+24V
0.3A
2A
5%
55W
PUP55-31
+5V
1A
5A
5%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
55W
PUP55-32
+5V
1A
5A
5%
+15V
0.4A
2.5A
5%
-15V
0.1A
0.5A
10%
55W
PUP110-10
5V
0A
22A
5%
110W
PUP110-12
12V
0A
9.0A
4%
110W
PUP110-13
15V
0A
7.5A
3%
110W
PUP110-14
24V
0A
4.5A
3%
110W
PUP110-16
30V
0A
3.6A
3%
110W
PUP110-18
48V
0A
2.3A
3%
110W
PUP110-23
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
110W
PUP110-31
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
110W
PUP110-32
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
110W
PUP110-40
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
-5V
0A
1A
5%
110W
PUP110-41
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
+24V
0A
1A
5%
110W
PUP110-42
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
PUP110-45
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
0A
1A
5%
110W
PUP110-45-1
+5V
2A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
1.5A
3A
10%
110W
PUP110-45-2
+5V
0A
10A
5%
+24V
0A
3A
5.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
PUP110-46
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
-5V
0A
1A
5%
110W
NOTES:
(1) PUP110 units: peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
(2) The output #1 of model PUP110-45-1 needs a minimum current of 2A to support the other outputs at their maximum rated loads.
PUP 30-110
30-110
W A TTS
SINGLE& MUL TIPLE OUTPUT AC/DC GENERAL
Selection Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com