Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRDBK3392-R6 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHRDBK3392-R6
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRDBK3392-R6 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHRDBK3392-R6 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRDBK3392-R6 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4/6
Page
DBK CHIP
1000
100
10
1
3.0
2.5
Fig.1 Forward current vs. Forward Voltage
Fig.2 Relative Intensity vs. Forward Current
1000
100
2.0
1.5
1.0
0.5
0.0
10
1
5.0
2.0
Forward Voltage(V)
Forward Current(mA)
3.0
1.2
Fig.3 Forward Voltage vs. Temperature
2.0
1.0
1.5
1.1
0.9
1.0
2.5
Fig.4 Relative Intensity vs. Temperature
40
80
100
60
0.0
20
40
60
80
100
-20
-400
0.8
-40
-200
Ambient Temperature(
℃)
Ambient Temperature(
℃)
20
0.5
0.5
550
500
400
0.0
450
Wavelength (nm)
1.0
0 1
4.0
3.0
1.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
Fig.5 Relative Intensity vs. Wavelength
PART NO. LHRDBK3392/R6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com