Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRDBK3393-R6-H Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRDBK3393-R6-H
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRDBK3393-R6-H Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRDBK3393-R6-H Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRDBK3393-R6-H Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Water Clear
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Page 2/6
UNIT
Symbol
Parameter
Absolute Maximum Ratings at Ta=25
℃
Absolute Maximum Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
mA
mA
μA
V
----
mW
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ir
ESD
Reverse Current @5V
Electrostatic Discharge( * )
PD
Power Dissipation
℃
-30 ~ +100
Tstg
Storage Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
Typ.
Min.
Max.
Min. Typ.
350
40
220
2.4
1.5
----
20
Viewing
angle
2
θ 1/2
(deg)
Spectral
halfwidth
△λnm
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Lens
Emitted
---
Red
LHRDBK3393/R6/H
COLOR
MATERIAL
PART NO
Dominant
wave
length
λDnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
InGaN/GaN Blue
1500
900
40
4.0
3.5
----
30
470
Topr
Operating Temperature
℃
-20 ~ +80
HR
30
100
100
10
500
30
120
50
100
DBK
Peak
wave
length
λPnm
660
GaAlAs
---
PART NO. LHRDBK3393/R6/H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com