Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS30481R8 Datasheet(PDF) 1 Page - Powerbox

Part # SFS30481R8
Description  10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SFS30481R8 Datasheet(HTML) 1 Page - Powerbox

  SFS30481R8 Datasheet HTML 1Page - Powerbox SFS30481R8 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
205
SFS Series
10-30
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Specifications
INPUT
Input voltage
36-76Vdc
Startup voltage
32-36Vdc
Hysteresis voltage
2Vdc min.
OUTPUT
Output voltage
See Table
Output current
See Table
Output power
See Table
Voltage setpoint accuracy
±1% of rated voltage
Voltage regulation
+5% -3%
Ripple & noise
1.2V–5V: 50mVp-p max.
10–15V: 150mVp-p max.
Over voltage protection
120-140% of rated voltage
Over current protection
Over 103% of rated current
Output low voltage
shutdown
Below 90% of rated voltage
Startup time
20-200ms max.
OPERATING
Efficiency
80% – 90%typical
Isolation In/Out
1.5kVdc, 1min IR>50M
at 500Vdc
Features
•
Small footprint - low profile
•
50% smaller than ZU series
•
Surface mount design
•
High efficiency synchronous rectification
•
High reliability – no electrolytic capacitors
•
1500Vdc input to output isolation
ENVIRONMENTAL
Operating temperature
-40°C to +85°C
Humidity
20 – 95% RH Non-Condensing
Vibration
10Hz-55Hz 49.0m/s2 (5G), x, y, and z axes
Impact
196.1m/s2 (20G) once along x, y and z axes
STANDARDS AND APPROVALS
Safety standards
with EN60950, UL60950, C-UL
CE Marking
Complies with LVD and EMC Directives
C Tick
AS/NZS CISPR11 Group 1 Class A
EMI standards
Complies with EN55022 Class A and EN55022
Class A with additional filter
EMC standard
Complies with EN61000-4-2,EN61000-4-3,
EN61000-4-4 and EN61000-4-5 With
additional filter and suppression
MECHANICAL
Dimensions / Weight
SFS10: 38.7x5.0x27.2mm (WxHxD) / 12g
SFS15: 38.7x5.0x27.2mm (WxHxD) / 12g
SFS30: 38.7x8.0x31.2mm (WxHxD) / 20g
OUTPUT RATING / MODEL NUMBER
1.2V
1.5V
1.8V
2V
2.5V
3.3V
5V
10V
12V
15V
10W
1.2V
3.5A
1.5V
3.5A
1.8V
3A
2V
3A
2.5V
3A
3.3V
3A
5V
2A
--
12V
0.9A
15V
0.7A
(4.2W)
(5.25W)
(5.4W)
(6.0W)
(7.5W)
(9.9W)
(10W)
--
(10.8W)
(10.5W)
SFS10481R2
SFS10481R5 SFS10481R8
SFS104802
SFS10482R5
SFS10483R3
SFS104805
--
SFS104812
SFS104815
15W
1.2V
5.2A
1.5V
5.2A
1.8V
4.5A
2V
4.5A
2.5V
4.5A
3.3V 4.5A
5V
3A
--
12V
1.25A 15V
1A
(6.24W)
(7.8W)
(8.1W)
(9.0W)
(11.25W)
(14.85W)
(15.0W)
--
(15.0W)
(15.0W)
SFS15481R2
SFS15481R5 SFS15481R8
SFS154802
SFS15482R5
SFS15483R3
SFS154805
--
SFS154812
SFS154815
30W
1.2V
10.4A
1.5V
10.4A
1.8V
9A
2V
9A
2.5V
9A
3.3V 9A
5V
6A
10V
3A
12V
2.5A
15V
2A
(12.48W)
(15.6W)
(16.2W)
(18.0W)
(22.5W)
(29.7W)
(30.0W)
(30.0W)
(30.0W)
(30.0W)
SFS30481R2
SFS30481R5 SFS30481R8
SFS304802
SFS30482R5
SFS30483R3
SFS304805
SFS304810
SFS304812
SFS304815
Selection Table


Similar Part No. - SFS30481R8

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFS30481R8B COSEL-SFS30481R8B Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
SFS30481R8C COSEL-SFS30481R8C Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
More results

Similar Description - SFS30481R8

ManufacturerPart #DatasheetDescription
logo
Powerbox
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13 POWERBOX-MAE13 Datasheet
580Kb / 2P
10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com