Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8201 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8201
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8201 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8201 Datasheet HTML 1Page - Sanyo Semicon Device ECH8201 Datasheet HTML 2Page - Sanyo Semicon Device ECH8201 Datasheet HTML 3Page - Sanyo Semicon Device ECH8201 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8201
No. A1555-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=40V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE1VCE=2V, IC=500mA
200
560
hFE2VCE=2V, IC=4A
160
hFE3VCE=2V, IC=10A
110
Gain-Bandwidth Product
fT
VCE=10V, IC=1A
230
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
60
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=6A, IB=300mA
65
100
mV
VCE(sat)2
IC=2A, IB=40mA
40
75
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=5A, IB=250mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
100
V
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-On Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
See specified Test Circuit.
305
ns
Fall Time
tf
See specified Test Circuit.
17
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7011A-005
Switching Time Test Circuit
1 : Emitter
2 : Emitter
3 : Emitter
4 : Base
5 : Collector
6 : Collector
7 : Collector
8 : Collector
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo tto m View
VR
RB
VCC=12V
VBE= --5V
IC=50IB1= --25IB2=5A
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
876
5
123
4
1 : Emitter
2 : Emitter
3 : Emitter
4 : Base
5 : Collector
6 : Collector
7 : Collector
8 : Collector
Top view



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com