Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6350CDDPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT6350CDDPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6350CDDPBF Datasheet HTML 4Page - Linear Technology LT6350CDDPBF Datasheet HTML 5Page - Linear Technology LT6350CDDPBF Datasheet HTML 6Page - Linear Technology LT6350CDDPBF Datasheet HTML 7Page - Linear Technology LT6350CDDPBF Datasheet HTML 8Page - Linear Technology LT6350CDDPBF Datasheet HTML 9Page - Linear Technology LT6350CDDPBF Datasheet HTML 10Page - Linear Technology LT6350CDDPBF Datasheet HTML 11Page - Linear Technology LT6350CDDPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT6350
8
6350f
Output Settling Time
vs Output Step
Output Settling Time
vs Output Step
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.
DIFFERENTIAL OUTPUT STEP (V)
–8
0
250
200
150
100
50
300
8
–6
–4
–2
6350 G35
02
46
2mV
20mV
20mV
2mV
VS = 5V
DIFFERENTIAL OUTPUT STEP (V)
–20
0
50
300
350
200
250
100
150
400
20
–15 –10 –5
6350 G36
0
5
10
15
0.01%
2mV
20mV
VS = 10V
Differential Output Voltage Noise
vs Frequency
FREQUENCY (Hz)
1
1
10
100
1M
100M
1k
6350 G23
VS = 5V
TA = 25°C
0.1Hz to 10Hz Differential
Input-Referred Voltage Noise
TIME (2s/DIV)
–600
200
400
0
–200
–400
600
6350 G24
VS = 5V
Output Impedance
vs Frequency
FREQUENCY (MHz)
0.01
0.01
10
1
0.1
100
100
0.1
6350 G28
110
VS = 5V
OUT2
OUT1
Overdrive Recovery
VOUTDIFF
TIME (μs)
0
–1
5
4
3
2
1
0
6
–7
5
3
1
–1
–3
–5
7
4
12
6350 G44
3
V+IN1
VS = 5V
Output Saturation Voltage
vs Load Current, Output Low,
Either Output
LOAD CURRENT (mA)
0.0.1
0.01
1
0.1
10
0.1
100
1
6350 G14
10
TA = –40°C
TA = 25°C
TA = 125°C
VS = 5V
Output Saturation Voltage
vs Load Current, Output High,
Either Output
LOAD CURRENT (mA)
0.01
0.01
1
0.1
10
100
0.1
1
6350 G15
10
VS = 5V
TA = –40°C
TA = 25°C
TA = 125°C
Output Short Circuit Current
vs Supply Voltage, Either Output
SUPPLY VOLTAGE (V)
0
–100
80
60
40
20
0
–20
–40
–60
–80
100
210
12
468
6350 G16
SINKING
SOURCING
TA = –40°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com