Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-RAM-I-C2 Datasheet(PDF) 1 Page - Powerbox

Part # VE-RAM-I-C2
Description  FILTER OUTPUT ATTENUATOR MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VE-RAM-I-C2 Datasheet(HTML) 1 Page - Powerbox

  VE-RAM-I-C2 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
245
VI RAM Ripple Attenuator Module
FIL TER
OUTPUT
A TTENUA TOR
MODULE
Features
•
Reduces output ripple to <3mV pk-pk
•
Compatible with any VI-200/VI-J00 based
product: 5 to 50VDC output
•
Full attenuation up to 20 amps
•
No adjustments required
•
Converter sense, trim, overvoltage and
-overcurrent retained
PRODUCT GRADE
Product Grade
Baseplate Operating Temperature
E-Grade
-10°C to +100°C
C-Grade
-25°C to +100°C
I-Grade
-40°C to +100°C
M-Grade
-55°C to +100°C
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Specifications
INPUT
Input voltage range
5–50VDC
OUTPUT
Output voltages
5–50VDC
Ripple & noise
VI-2: 3mV pk-pk VI-J: 10mV pk-pk
Output current max.
20A
OPERATING
Efficiency
93%–99%
Converter sense, trim, overvoltage and current limit retained.
MECHANICAL
PCB mounting package
58x61x13mm
Typical Configuration Not for design use; see data sheet.


Similar Part No. - VE-RAM-I-C2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VE-12H-K-HV-VD FUJITSU-VE-12H-K-HV-VD Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12H-K-HV-VD FUJITSU-VE-12H-K-HV-VD Datasheet
358Kb / 8P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12H-K-VD FUJITSU-VE-12H-K-VD Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12H5-K FUJITSU-VE-12H5-K Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12H5-K-HVVD FUJITSU-VE-12H5-K-HVVD Datasheet
127Kb / 6P
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-RAM-I-C2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FIAM VICOR-FIAM Datasheet
156Kb / 4P
Filter Input Attenuator Module
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
Military 28Vin Filter Input Attenuator Module
logo
Communications & Power ...
VLA1761 CPI-VLA1761 Datasheet
316Kb / 1P
Filter Limiter Attenuator
logo
Vicor Corporation
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
OUTPUT RIPPLE ATTENUATOR
VI-A11-CU POWERBOX-VI-A11-CU Datasheet
401Kb / 1P
FILTER INPUT ATTENUATOR MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com