Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2028 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2028
Description  10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2028 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2028 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand US A.
e-mail: sales@bothhandusa.com
http://www.bothhand.com
P/N:FS2028 APPLY TO GENERIC IC
Page : 1/1
A0(12/01)
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
Feature
!
IEEE 802.3 and IEEE 802.5 compatible.
!
Designed to meet AMD AM79C98, AT & T T7220 & NS
DP83922 chip sets requirements.
!
Integrated filter and isolation transformers in single 16 Pin
SMD package.
!
Low insertion loss characteristics.
!
Cost effective designs.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
CUT-OFF Frequency
Voltage Isolation
(Vrms)
FS2028
1 CT:1.41CT
1CT:1CT
17 MHz ± 1.5MHz
1500
Continue
Insertion Loss
(dB Max.)
Attenuation
TX/RX(dB Min)
Return Loss
(dB Typ)
Cross talk
Attenuation
(dB Min)
Common Mode
Rejection
TX/RX(dB Min)
Part
Number
1–10MHz 5-10MHz
20MHz
25MHz
30MHz
40MHz
5-10MHz
1-10 MHz
30-100MHz
FS2028
-1.0/TX
-1.2/RX
-7/-6
-19/-14
-30/-20
-32/-31
-17
-30
-30/-24
Schematic
Mechanica
l
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FS2028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS2028 ETC-FS2028 Datasheet
55Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
Bothhand USA, LP.
FS2028 BOTHHAND-FS2028 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028MLF BOTHHAND-FS2028MLF Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028 BOTHHAND-FS2028_1 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
More results

Similar Description - FS2028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS2028 ETC-FS2028 Datasheet
55Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
Bothhand USA, LP.
FB2021 BOTHHAND-FB2021 Datasheet
40Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028 BOTHHAND-FB2028 Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022BLF BOTHHAND-FB2022BLF Datasheet
69Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028A BOTHHAND-FB2028A Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028C BOTHHAND-FB2028C Datasheet
252Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028MLF BOTHHAND-FS2028MLF Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028 BOTHHAND-FS2028_1 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
PFS2028 BOTHHAND-PFS2028 Datasheet
266Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com