Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS075 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS075
Description  10 BASE-T, SMD ETHERNET TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS075 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS075 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by: WuQingli Rev.: X.0
10 BASE-T, SMD ETHERNET TRANSFORMER
P/N: TS075 DATA SHEET
A.GENERAL SPECIFICATIONS
1.IEEE 802.3 (10 BASE5/10BASE 2) AND ECMA COMPATIBLE.
2.16 PIN SOL PACKAGE
3.TURN RATIO 1:1+-5%
4.DISSIPATION RATING 75mW
5.HI-POT 2000Vrms
6.INSULATION RESISTANCE 10000M MIN. @50Vdc
7.PEAK PULSE RATING 50VOLTS
B.ELECTRICAL SPECIFICATIONS @25°C:
1.OCL (OPEN CIRCUIT INDUCTANCE) 75uH+-20% @100KHz, 50mVrms
2. (OTHER OCL ALSO AVAILABLE UPON REQUEST)
3.ET CONSEANT 1.5V.us MIN
4.RISE TIME 1.8 nS MAX
5.COUPLING CAPACITANCE (Cw/w) 10 pF MAX
6.LEAKAGE INDUCTANCE (LL) 0.1uH MAX.
7.DC REISITANCE 0.2 OHM
C. SCHEMATICS & DIMENSIONS & MARKING (Unit: m/m)


Similar Part No. - TS075

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS075-06 BOTHHAND-TS075-06 Datasheet
13Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS075

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS7013B BOTHHAND-TS7013B Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com